Part Number Hot Search : 
C4256 MBR870 70241 B190B DM74S10 TCMZ6V2 BSS205N 17C339Z
Product Description
Full Text Search
 

To Download SAF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sharma Tantalum Capacitors
RoHS Compliant
SAF SERIES
INTRODUCTION SAF Series molded Tantalum Chip Capacitors with Built-in fuse, are developed to provide SAFety to the PCB by opening the circuit in case of abnormal voltage or current. FEATURES: HIGH HEAT RESISTANCE MAKES IT SUITABLE FOR ALL TYPES OF SOLDERING
* * FUSE CHARACTERISTICS DESIGNED TO PREVENT FIRE OR SMOKE TO OPEN IN<100 * B, CD&&DFCASE SIZES DESIGNED<5 SEC AT 5A. SEC AT 1.5A OR<5SEC AT 5A. CASE SIZES OPEN IN
(REFERENCE GRAPH G1 FOR FUSING TIME PATTERN.)
* LOW ESR OF <2 OHMS AT 1MHZ LOW INDUCTANCE OF 5nH AT 200 MHz. QC AND EIA J RC- 3813 & JIS C * COMPONENTS MEET IEC SPEC EIA 300801/US0001/EIA 481/IEC 286-3. EPOXY 5102. REEL PACKING STDS J RC-1009B
MOLDED COMPONENTS WITH CONSISTENT DIMENSIONS AND FINISH. SURFACE
GRAPH G1
*ENGINEERED FOR AUTOMATIC ONSERTION. *COMPATIBLE WITH ALL POPULAR HIGH SPEED ASSEMBLY MACHINES.
GENERAL SPECIFICATIONS CAPACITANCE RANGE: 1.0F to 68F. VOLTAGE RANGE: 10VDC to 50VDC. CAPACITANCE TOLERANCE: 20%(M), 10%(K), ( 5%(J) - UPON REQUEST) TEMPERATURE RANGE: -55 to +125C with DERATING ABOVE 85C ENVIRONMENTAL CLASSIFICATION: 55/125/56(IEC68-2) DISSIPATION FACTOR: 0.1F to 1F 4% Max 1.5 F to 22 F 5% MAX, 33F 8% Max. LEAKAGE CURRENT: NOT MORE THAN 0.01CV A or 0.5 A WHICHEVER IS GREATER FAILURE RATE: 1% PER 1000 HRS. LIFE TEST DETAILS CAPACITORS SHALL WITHSTAND RATED DC VOLTAGE APPLIED AT 85C FOR 2000 HRS. OR DERATED DC VOLTAGE APPLIED AT 125C FOR 1000 HRS. AFTER THE TEST: 1. CAPACITANCE CHANGE SHALL NOT EXCEED 10% OF INITIAL VALUE. 2. DISSIPATION FACTOR SHALL BE WITHIN THE NORMAL SPECIFIED LIMITS. 3. DC LEAKAGE CURRENT SHALL BE WITHIN 125% OF NORMAL LIMIT. 4. NO REMARKABLE CHANGE IN APPEARANCE. MARKINGS TO REMAIN LEGIBLE.
FUSING TIME
SAH SERIES RATINGS AND CASE CODES CAPACITANCE CODE 104 154 224 334 474 684 105 155 225 F 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 D2, D C D2, D C D2, D B C D2, D B C D2, D A B C D2, D A B C A B A B A A 4V 6.3V RATED VOLTAGE DC at 85 C 10V 16V 20V 25V 35V A A A A B B B C C C D2, D D2, D 50V A B B B C C C D2, D D2, D
WITH BUILT-IN FUSE
CASE DIMENSIONS IN MILLIMETERS (INCHES) CASE B C D F EIA/IEC 3528 6032 7343 7358 L 3.5 0.2 (0.138 0.008) 6.0 0.3 (0.236 0.012) 7.3 0.3 (0.287 0.012) 7.3 0.3 (0.287 0.012)
335 475 685 106 156 226 336 476 686
W 2.8 0.2 (0.110 0.008) 3.2 0.3 (0.126 0.012) 4.3 0.3 (0.170 0.012) 5.8 0.3 (0.228 0.012)
H 1.9 0.2 (0.075 0.008) 2.5 0.3 (0.098 0.012) 2.8 0.3 (0.110 0.012) 3.5 0.3 (0.138 0.012)
l 0.8 0.3 (0.031 0.012) 1.3 0.3 (0.051 0.012) 1.3 0.3 (0.051 0.012) 1.3 0.3 (0.052 0.012)
a 2.2 0.1 (0.087 0.004) 2.2 0.1 (0.0870.004) 2.4 0.1 (0.095 0.004) 3.5 0.2 (0.138 0.008)
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327
Sharma Tantalum Capacitors
RoHS Compliant
SAF SERIES SPECIFICATIONS
10 V DC Rated Voltage Surge Voltage 13 VDC @ 85C and 8 VDC @ 125C
SAF SAF SAF SAF SAF SAF SAF SAF B C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) AT +25C ESR(max) at 100 KHz OHMS RIPPLE (max) Irms Amps at 100 KHz
475 M 10 R 156 M 10 R
202 501 501 501 501 501 401 401 202 501 501 501 501 501 401 401 202 501 501 501 501 501 401 401 202 501 501 501 501 401 202 501 501 501 501 501 501 401 501 501 501 501 501 401
4.7 15 22 33 33 47 47 68 3.3 10 15 22 22 33 33 47 2.2 6.8 10 15 15 22 22 33 1.5 4.7 6.8 10 10 15 1 1.5 2.2 3.3 4.7 6.8 6.8 10 1 1.5 2.2 3.3 3.3 4.7
0.5 1.5 2.2 3.3 3.3 4.7 4.7 6.8 0.5 1.6 2.4 3.5 3.5 5.3 5.3 7.5 0.5 1.4 2.0 3.0 3.0 4.4 4.4 6.6 0.5 1.2 1.7 2.5 2.5 3.8 0.5 0.5 0.8 1.2 1.6 2.4 2.4 3.5 0.5 0.8 1.1 1.7 1.7 2.4
6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 4 6 6 6 6 6 6 6 4 6 6 6 6 6
4.0 2.2 1.8 1.1 1.1 0.9 0.9 0.8 4.4 2.2 1.8 1.1 1.1 0.9 0.8 0.8 5.0 2.4 1.3 1.1 1.1 0.9 0.8 0.8 5.5 2.4 1.4 1.2 1.2 1.0 6.5 4.5 3.5 2.5 1.5 1.3 1.3 1.0 5.5 4.0 2.5 2.0 2.0 1.4
0.113 0.179 0.227 0.290 0.295 0.321 0.343 0.363 0.108 0.179 0.198 0.290 0.295 0.327 0.363 0.363 0.101 0.219 0.272 0.290 0.295 0.327 0.363 0.363 0.097 0.171 0.262 0.297 0.283 0.325 0.089 0.125 0.142 0.168 0.249 0.267 0.272 0.325 0.113 0.152 0.199 0.215 0.215 0.257
D2 226 M 10 R D2 336 M 10 R D F F B C 336 M 10 R 476 M 10 R 686 M 10 R 335 M 16 R 106 M 16 R D2 476 M 10 R
16 V DC Rated Voltage Surge Voltage 20 VDC @ 85C and 13 VDC @ 125C
SAF SAF SAF SAF SAF SAF SAF SAF
D2 156 M 16 R D2 226 M 16 R D D F F 226 M 16 R 336 M 16 R 336 M 16 R 476 M 16 R 225 M 20 R 685 M 20 R
20 V DC Rated Voltage Surge Voltage 26 VDC @ 85C and 16 VDC @ 125C
SAF B SAF C
SAF D2 106 M 20 R SAF D2 156 M 20 R SAF D SAF D SAF F SAF F 156 M 20 R 226 M 20 R 226 M 20 R 336 M 20 R 155 M 25 R 475 M 25 R
25 V DC Rated Voltage Surge Voltage 32 VDC @ 85C and 20 VDC @ 125C
SAF B SAF C
SAF D2 685 M 25 R SAF D2 106 M 25 R SAF D SAF F 106 M 25 R 156 M 25 R 105 M 35 R 155 M 35 R 225 M 35 R 335 M 35 R
35 V DC Rated Voltage Surge Voltage 45 VDC @ 85C and 28 VDC @ 125C
SAF B SAF C SAF C SAF C
SAF D2 475 M 35 R SAF D2 685 M 35 R SAF D SAF F 685 M 35 R 106 M 35 R 105 M 50 R 155 M 50 R
50 V DC Rated Voltage Surge Voltage 63 VDC @ 85C and 40 VDC @ 125C
SAF C SAF C
SAF D2 225 M 50 R SAF D2 335 M 50 R SAF D SAF F
NOTE:
335 M 50 R 475 M 50 R
FOR 10% TOLERANCE CHANGE TOLERANCE CODE FROM M TO K. FOR 5% TOLERANCE CHANGE TOLERANCE CODE FROM M TO J. STANDARD REEL SIZE AND ORIENTATION = R. FOR OTHER SEE ORDERING INFORMATION ON PAGE 3.
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


▲Up To Search▲   

 
Price & Availability of SAF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X